|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
U510 | Micro.compass The Micro.compass module is an example sensor module for tilt measurement, direction measurement, vibration measurement etc. The module employs a mixedsignal programmable system-on-a-chip (PSoC) for on-board processing. The module provides raw access to the accelerometer and magnetometer readings, along with the preprocessed tilt-adjusted compass reading. The Micro.compass board is supported by NanoStack. Features * * * * * * * * Accelerometer and magnetometer board for the Sensinode Micro Series 3-axis 2.5G - 10 G accelerometers (selectable range) 3-axis magnetometers Uses a Cypress PSoC microcontroller for on-board processing Can be configured as a digital compass or as a general purpose accelerometer/magnetometer board Module has a unique ID number RoHS compatible 40mm x 40 mm board size 28. Aug. 2006 (c)Sensinode Ltd. 2006 - v1.0 1 |
Price & Availability of U510 |